PART |
Description |
Maker |
29160B910JO0 29160B331JO0 29120B243JO0 29110B823JO |
Silver Mica Capacitor; Capacitance:10000pF; Capacitance Tolerance: 5%; Series:291; Voltage Rating:4000VDC; Capacitor Dielectric Material:Mica; Termination:Screw; Working Voltage, DC:4000V CAPACITOR, MICA, 0.01 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.0075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.00075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.000075 uF, CHASSIS MOUNT High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electr...
|
GMD81400 GMF11201 GMF10201 GMF90201 GMF10601 GMF10 |
CAPACITOR, VARIABLE, MICA, 250 V, 380 pF - 1300 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 880 pF - 2330 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 15 pF - 130 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 2000 V, 10 pF - 48 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 275 pF - 970 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 550 pF - 1600 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 65 pF - 340 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 450 pF - 1390 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1300 pF - 2830 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 115 pF - 550 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1150 pF - 2605 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 45 pF - 280 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 350 pF - 1180 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 190 pF - 760 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 780 pF - 2110 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 650 pF - 1890 pF, PANEL MOUNT
|
Sprague-Goodman Electronics, Inc.
|
M30612MA-323FP M30612MC-213FP M30612MC-211FP M3061 |
16-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 MICA RoHS Compliant: No 单片16位CMOS微机 Silver Mica Capacitor; Capacitance:240pF; Capacitance Tolerance: 5%; Series:CM05; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:15pF; Capacitance Tolerance: /- 5%; Series:CM04; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3.6mm; Leaded Process Compatible:No RoHS Compliant: No
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation
|
2MBI150N-120 |
Silver Mica Capacitor; Capacitance:30pF; Capacitance Tolerance: /- 5%; Series:CM05; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No IGBT MODULE ( N series )
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
Q62702-P1029 BPY12 Q62702-P9 BPY12H1 P9 |
Silicon-PIN-Photodiode 硅的PIN光电二极 Silver Mica Capacitor; Capacitance:56pF; Capacitance Tolerance: /- 5%; Series:MIN; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Package/Case:Surface Mount (SMD, SMT); Termination:SMD; Leaded Process Compatible:Yes RoHS Compliant: Yes From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
CS42L50 CDB42L50 CS42L50-KN |
Silver Mica Capacitor; Capacitance:200pF; Capacitance Tolerance: /- 5%; Series:CDS; Voltage Rating:100VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:100pF; Capacitance Tolerance: /- 5%; Series:CDS; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:120pF; Capacitance Tolerance: /- 5%; Series:CDS; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:No RoHS Compliant: No
|
Cirrus Logic, Inc.
|
BCR12KM-14 |
Silver Mica Capacitor; Capacitance:3pF; Capacitance Tolerance: /- 0.5pF; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:Yes RoHS Compliant: Yes MEDIUM POWER USE INSULATED TYPE/ PLANAR PASSIVATION TYPE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
SM5002LDS SM5002LFS CF5002LA CF5002LB CF5002LC CF5 |
Datamate L-Tek DIL Female Crimp Hood Kit, for 5 5-way connector Crystal Oscillator Module ICs 晶体振荡器模块集成电 Silver Mica Capacitor; Capacitance:1000pF; Capacitance Tolerance: 5%; Series:CDV30; Voltage Rating:1500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No 晶体振荡器模块集成电
|
Nippon Precision Circuits I... NPC[Nippon Precision Circuits Inc] Seiko NPC Corporation Seiko NPC, Corp. Nippon Precision Circui...
|
2KBB10 2KBB100 2KBB20 2KBB80 2KBB 2KBB05 2KBB40 2K |
1.9A single phase rectifier bridge 800V Bridge in a D-37 package 600V Bridge in a D-37 package 400V Bridge in a D-37 package 1000V Bridge in a D-37 package 100V Bridge in a D-37 package 50V Bridge in a D-37 package 200V Bridge in a D-37 package 2KBB SERIES 1.9A single phase rectifier bridge From old datasheet system Silver Mica Capacitor; Capacitance:25000pF; Capacitance Tolerance: 5%; Series:CD30; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:Yes RoHS Compliant: Yes 1.9A单相整流 Silver Mica Capacitor; Capacitance:25000pF; Capacitance Tolerance: /- 2%; Series:CD30; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:Yes RoHS Compliant: Yes 1.9A单相整流
|
IRF[International Rectifier] International Rectifier, Corp.
|
M37272MA-309SP M37272M8-131SP M37272MA-052SP M3727 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER Single Chip 8 Bits Microcomputer(8位单片机) 单芯位单片机位单片机 Silver Mica Capacitor; Capacitance:10pF; Capacitance Tolerance: 0.5pF; Series:CM04; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3.6mm; Leaded Process Compatible:No RoHS Compliant: No
|
Mitsubishi Electric Sem... Mitsubishi Electric Corporation
|
MCM01 MCM01-001CC090A-T MCM01-001CC090A-TF MCM01-0 |
SMT Clad RF Capacitors Multilayer High Power, High Temperature Mica and PTFE Capacitors Mica Film Capacitor; Capacitance:3.3pF; Capacitance Tolerance: /- 0.5 pF; Working Voltage, DC:300V CAPACITOR, MICA, 500 V, 0.0000033 uF, SURFACE MOUNT
|
Cornell Dubilier Electr... Cornell Dubilier Electronics, Inc.
|
APL5332KAC-TR APL5332KAC-TRL APL5332U5C-TRL APL533 |
CMOS LDO with source-sink and output selection function CMOS LDO with Source-Sink & Output Selection Functions Silver Mica Capacitor; Capacitance:33000pF; Capacitance Tolerance: /- 1%; Series:CD30; Voltage Rating:100VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No CMOS LDO with Source-Sink & Output Selection Functions CMOS低压与源
|
ANPEC Electronics Corporation ETC ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
|